Part Number Hot Search : 
TA836GG MGY40N60 30CTQ040 M5913 A1103 JCS4N65B 30CTQ040 18B20
Product Description
Full Text Search
 

To Download 2SA155212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sa1552/2sc4027 no. 2262-1/10 applications ? converters, inverters, color tv audio output features ? adoption of fbet, mbit processes ? high voltage and large current capacity ? ultrahigh-speed switching ? small and slim package permitting 2sa1552 / 2sc4027-applied sets to be made more compact speci cations ( ): 2sa1552 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo (--)180 v collector-to-emitter voltage v ceo (--)160 v emitter-to-base voltage v ebo (--)6 v collector current i c (--)1.5 a collector current (pulse) i cp (--)2.5 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en2262e 60612 tkim/91708 tiim tc-00001624/d0505cb msim x-0448/53002rm (kt)/72098ha (kt)/8109mo/5137ta, ts sanyo semiconductors data sheet 2sa1552/2sc4027 pnp/npn epitaxial planar silicon transistor high-voltage switching applications http:// semicon.sanyo.com/en/network product & package information ? package : tp ? package : tp-fa ? jeita, jedec : sc-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collector 3 : emitter 4 : collector sanyo : tp-f a 2sa1552s-e 2sa1552s-h 2sa1552t-e 2sa1552t-h 2sc4027s-e 2sc4027s-h 2sc4027t-e 2sc4027t-h 2sa1552s-tl-e 2sa1552s-tl-h 2sa1552t-tl-e 2sa1552t-tl-h 2sc4027s-tl-e 2sc4027s-tl-h 2sc4027t-tl-e 2sc4027t-tl-h 2,4 3 1 2sc4027 2,4 3 1 2sa1552 a1552 c4027 lot no. rank lot no. rank
2sa1552/2sc4027 no. 2262-2/10 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 1w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)120v, i e =0a (--)1.0 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)1.0 a dc current gain h fe 1v ce =(--)5v, i c =(--)100ma 100* 400* h fe 2v ce =(--)5v, i c =(--)10ma 80 gain-bandwidth product f t v ce =(--)10v, i c =(--)50ma 120 mhz output capacitance cob v cb =(--)10v, f=1mhz (22)12 pf collector-to-emitter saturation voltage v ce (sat) i c =(--)500ma, i b =(--)50ma (--0.2)0.13 (--0.5)0.45 v base-to-emitter saturation voltage v be (sat) i c =(--)500ma, i b =(--)50ma (--)0.85 (--)1.2 v collector-to-base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--)180 v collector-to-emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)160 v emitter-to-base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. 60 ns storage time t stg (0.7)1.2 s fall time t f (50)80 ns * : the 2sa1552 / 2sc4027 are classi ed by 100ma h fe as follows : (unit : a) rank r s t h fe 100 to 200 140 to 280 200 to 400 switching time test circuit ordering information device package shipping memo 2sa1552s-e tp 500pcs./bag pb free 2sa1552s-h tp 500pcs./bag pb free and halogen free 2sa1552t-e tp 500pcs./bag pb free 2sa1552t-h tp 500pcs./bag pb free and halogen free 2sc4027s-e tp 500pcs./bag pb free 2sc4027s-h tp 500pcs./bag pb free and halogen free 2sc4027t-e tp 500pcs./bag pb free 2sc4027t-h tp 500pcs./bag pb free and halogen free 2sa1552s-tl-e tp-fa 700pcs./reel pb free 2sa1552s-tl-h tp-fa 700pcs./reel pb free and halogen free 2sa1552t-tl-e tp-fa 700pcs./reel pb free 2sa1552t-tl-h tp-fa 700pcs./reel pb free and halogen free 2sc4027s-tl-e tp-fa 700pcs./reel pb free 2sc4027s-tl-h tp-fa 700pcs./reel pb free and halogen free 2sc4027t-tl-e tp-fa 700pcs./reel pb free 2sc4027t-tl-h tp-fa 700pcs./reel pb free and halogen free v r 100v r l 14k --5v 10i b1 = --10i b2 =i c =0.7a for pnp, the polarity is reversed. ++ 50 input output r b 100 f 470 f pw=20 s i b1 i b2 d.c. 1%
2sa1552/2sc4027 no. 2262-3/10 i c -- v ce i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a itr03970 2sc4027 --1.8 --1.6 --1.4 --1.2 --1.0 --0.8 --0.6 --0.4 --0.2 0 0 --1 --2 --4 --5 -- 3 itr03969 2sa1552 i b =0ma --1ma --2ma --10ma --5ma --20ma --40ma --60ma --80ma i b =0ma 1ma 2ma 5ma 10ma 20ma 30ma 40ma 50ma 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 012 45 3 h fe -- i c h fe -- i c i c -- v be i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- a dc current gain, h fe collector current, i c -- a dc current gain, h fe i c -- v ce i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a collector-to-emitter voltage, v ce -- v collector current, i c -- a itr03972 2sc4027 itr03971 2sa1552 i b =0ma --1.0ma --1.5ma --0.5ma --2.0ma --2.5ma --3.0ma --5.0ma --4.5ma --4.0ma --3.5ma i b =0ma 0.5ma 1.0ma 1.5ma 2.0ma 2.5ma 3.0ma 4.0ma 4.5ma 5.0ma 3.5ma --1.0 --0.8 --0.6 --0.4 --0.2 0 0 --10 --20 --40 --50 --30 1.0 0.8 0.6 0.4 0.2 0 0 1020 4050 30 ta=75 c 25 c --25 c 2sc4027 v ce =5v itr03976 100 --0.01 1000 10 7 5 3 2 7 5 3 2 23 5 57 --0.1 72357 --1.0 23 2sa1552 v ce = --5v itr03975 ta=75 c - -25 c 25 c 2sc4027 v ce =5v --25 c 25 c ta=75 c itr03974 25 c -- 2 5 c ta=75 c 2sa1552 v ce = --5v --0.4 --0.8 --1.2 --1.6 0 0 --1.2 --1.0 --0.8 --0.6 --0.4 --0.2 itr03973 0.4 0.8 1.2 1.6 0 0 1.2 1.0 0.8 0.6 0.4 0.2 100 0.01 1000 10 7 5 3 2 7 5 3 2 23 5 7 0.1 72357 1.0 23
2sa1552/2sc4027 no. 2262-4/10 cob -- v cb collector-to-base voltage, v cb -- v output capacitance, cob -- pf 100 10 5 3 2 7 5 3 2 3 257 3 257 0.01 0.1 2 1.0 itr03977 itr03978 10 100 7 5 3 2 7 5 3 3 257 3 257 1.0 10 100 2sa1552 / 2sc4027 v ce =10v 2sc4027 2sa1552 2sa1552 / 2sc4027 f=1mhz 2sc4027 2sa1552 for pnp minus sign is omitted. for pnp minus sign is omitted. f t -- i c collector current, i c -- a gain-bandwidth product, f t -- mhz 2 3 2 3 5 7 3 5 7 --1000 --100 2 --0.1 --0.01 57 723 --1.0 57 23 23 itr03979 2sa1552 i c / i b =10 ta=75 c --25 c 25 c 2 3 2 3 5 7 3 5 7 1000 100 2 0.1 0.01 57 723 1.0 57 23 23 itr03980 2sc4027 i c / i b =10 ta=75 c --25 c 25 c 1.0 2 3 5 0.1 0.01 3 2 5 3 2 5 5 57 2 5 37 25 37 1.0 10 2 100 itr03983 2sa1552 / 2sc4027 itr03982 it10480 --10 7 5 3 2 7 5 3 --1.0 --0.01 7237 5 23 7 523 --0.1 --1.0 itr03981 2sa1552 i c / i b =10 2sc4027 i c / i b =10 1.2 1.0 0 0.8 0.6 0.4 0.2 100 140 120 160 20 060 40 80 2sa1552 / 2sc4027 ta=--25 c 75 c 25 c i c =1.5a i cp =2.5a 1ms 100ms 10ms dc operation (tc=25 c) dc operation (ta=25 c) ta= --25 c 75 c 25 c 10 7 5 3 2 7 5 3 1.0 0.01 7237 5 23 7 523 0.1 1.0 v be (sat) -- i c v be (sat) -- i c v ce (sat) -- i c v ce (sat) -- i c collector current, i c -- a collector current, i c -- a base-to-emitter saturation voltage, v be (sat) -- v base-to-emitter saturation voltage, v be (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- v a s o tc=25 c single pulse for pnp minus sign is omitted. p c -- ta collector-to-emitter voltage, v ce -- v collector current, i c -- a no heat sink ambient temperature, ta -- c collector dissipation, p c -- w
2sa1552/2sc4027 no. 2262-5/10 p c -- tc case temperature, tc -- c collector dissipation, p c -- w it10479 16 15 14 12 10 0 8 6 4 2 100 140 120 160 20 060 40 80 2sa1552 / 2sc4027
2sa1552/2sc4027 no. 2262-6/10 taping speci cation 2sa1552s-tl-e, 2sa1552s-tl-h, 2sa1552t-tl-e, 2sa1552t-tl-h, 2sc4027s-tl-e, 2sc4027s-tl-h, 2sc4027t-tl-e, 2sc4027t-tl-h
2sa1552/2sc4027 no. 2262-7/10 outline drawing land pattern example 2sa1552s-tl-e, 2sa1552s-tl-h, 2sa1552t-tl-e, 2sa1552t-tl-h, 2sc4027s-tl-e, 2sc4027s-tl-h, 2sc4027t-tl-e, 2sc4027t-tl-h mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sa1552/2sc4027 no. 2262-8/10 bag packing speci cation 2sa1552s-e, 2sa1552s-h, 2sa1552t-e, 2sa1552t-h, 2sc4027s-e, 2sc4027s-h, 2sc4027t-e, 2sc4027t-h
2sa1552/2sc4027 no. 2262-9/10 outline drawing 2sa1552s-e, 2sa1552s-h, 2sa1552t-e, 2sa1552t-h, 2sc4027s-e, 2sc4027s-h, 2sc4027t-e, 2sc4027t-h mass (g) unit 0.315 * for reference mm
2sa1552/2sc4027 no. 2262-10/10 ps this catalog provides information as of june, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of 2SA155212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X